전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OL2385SWUG 데이터시트(PDF) 43 Page - NXP Semiconductors

부품명 OL2385SWUG
상세설명  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG 데이터시트(HTML) 43 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 39Page - NXP Semiconductors OL2385SWUG Datasheet HTML 40Page - NXP Semiconductors OL2385SWUG Datasheet HTML 41Page - NXP Semiconductors OL2385SWUG Datasheet HTML 42Page - NXP Semiconductors OL2385SWUG Datasheet HTML 43Page - NXP Semiconductors OL2385SWUG Datasheet HTML 44Page - NXP Semiconductors OL2385SWUG Datasheet HTML 45Page - NXP Semiconductors OL2385SWUG Datasheet HTML 46Page - NXP Semiconductors OL2385SWUG Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
43 / 64
number and look at the SPI RX buffer values starting from the 4th byte value until the
29th. With SPI command 23 and sub command as 2, you can reset the table inside the
OL2385 to the default value of 0.
Note: NXP currently supports boards operating a TCXO only and not a standard XTAL
oscillator.
Note:
• This calibration has to be done once and done before doing the static frequency
calibration.
• This calibration is useless for RCZ3, because TCXO is used as crystal.
• This calibration makes sense for final production or certification at SIGFOX. For normal
RF evaluation, skip this and proceed to Section 7.2.2.2 "Static frequency calibration",
because temperature does not vary that much in normal test environment.
7.2.2.2 Static frequency calibration
The next command for any device is Static frequency calibration. This command also
needs to be done only once after flashing new firmware on the OL2385. The Static
frequency calibration command is optional. If you choose to skip this command, some
TX and RX scenarios might not work. The crystal used on the boards has, sometimes,
an initial offset. Therefore, the actual frequencies from the board differ slightly from the
commanded frequency. For example, if a command to start an unmodulated continuous
wave at 868.13 MHz is given, on a spectrum analyzer the peak of the spectrum is not
exactly at 868.13 MHz. It is at an offset as shown in Figure 31. This offset is variable
for different crystals, but on a single board it is relatively fixed and is needed to be
compensated. This compensation is not required for an RCZ3 device, because it uses a
TCXO.
Note: NXP currently only supports boards operating a TCXO and not a standard XTAL
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64