전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF4M 데이터시트(PDF) 5 Page - Hirose Electric

부품명 BF4M
상세설명  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4M 데이터시트(HTML) 5 Page - Hirose Electric

  BF4M Datasheet HTML 1Page - Hirose Electric BF4M Datasheet HTML 2Page - Hirose Electric BF4M Datasheet HTML 3Page - Hirose Electric BF4M Datasheet HTML 4Page - Hirose Electric BF4M Datasheet HTML 5Page - Hirose Electric BF4M Datasheet HTML 6Page - Hirose Electric BF4M Datasheet HTML 7Page - Hirose Electric BF4M Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF4M SeriesActive Optical Connector
5
Product Appearance and HRS No.
Plug harness
L
6
6
9.82
9.82
Identification mark
for TX side
Identification mark
for RX side
BF4MC harness
Part No.
HRS No.
Fiber
Cable length L
BF4MC-6GTXRX-B1-45MM
831-1102-0 04
Ø0.5 Red
45 mm
BF4MC-6GTXRX-B1-50MM
831-1102-0 05
50 mm
BF4MC-6GTXRX-B1-55MM
831-1102-0 06
55 mm
BF4MC-6GTXRX-B1-60MM
831-1102-0 07
60 mm
BF4MC-6GTXRX-B1-65MM
831-1102-0 08
65 mm
BF4MC-6GTXRX-B1-70MM
831-1102-0 09
70 mm
BF4MC-6GTXRX-B1-75MM
831-1102-0 00
75 mm
BF4MC-6GTXRX-B1-80MM
831-1102-0 11
80 mm
BF4MC-6GTXRX-B1-85MM
831-1102-0 12
85 mm
BF4MC-6GTXRX-B1-90MM
831-1102-0 13
90 mm
BF4MC-6GTXRX-B1-95MM
831-1102-0 14
95 mm
BF4MC-6GTXRX-B1-100MM
831-1102-0 15
100 mm
BF4MC-6GTXRX-B1-1M
831-1109-9 00
1 m
BF4MC-6GTXRX-B1-2M
831-1109-9 01
2 m
BF4MC-6GTXRX-B1-3M
831-1109-9 02
3 m
BF4MC-6GTXRX-B1-4M
831-1109-9 03
4 m
BF4MC-6GTXRX-B1-5M
831-1109-9 04
5 m
Length (L) of the harness
· The shortest harness length is 45mm, and the harness up to 100mm in length is available in 5mm increments.
(45mm, 50mm, 55mm …, 100mm)
· Harness longer than those listed above is also available upon request. Please inform us of your desired harness length.
· Blue Fiber color is also available. Contact your sales representative for details.



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com