전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF4M 데이터시트(PDF) 3 Page - Hirose Electric

부품명 BF4M
상세설명  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4M 데이터시트(HTML) 3 Page - Hirose Electric

  BF4M Datasheet HTML 1Page - Hirose Electric BF4M Datasheet HTML 2Page - Hirose Electric BF4M Datasheet HTML 3Page - Hirose Electric BF4M Datasheet HTML 4Page - Hirose Electric BF4M Datasheet HTML 5Page - Hirose Electric BF4M Datasheet HTML 6Page - Hirose Electric BF4M Datasheet HTML 7Page - Hirose Electric BF4M Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BF4M SeriesActive Optical Connector
3
Product Materials
Plug harnesses
Port
Details
Transmitter plug(TX)
Housing
LCP(BF4MC
:White)
Contact
Phosphor bronze (Au plating)
Plate
Phosphor bronze (Ni plating)
VCSEL
GaAs
VCSEL driver
Si(CMOS)
Bonding wire
Au
Sealing resin
Epoxy resin
Heat shrink tubing
Polyolefin(Black)
Receiver plug(RX)
Housing
LCP(BF4MC
:White)
Contact
Phosphor bronze (Au plating)
Plate
Phosphor bronze (Ni plating)
PD
GaAs
TIA/LA
Si(CMOS)
Bonding wire
Au
Sealing resin
Epoxy resin
Heat shrink tubing
Polyolefin(Black)
Optical fiber
Fiber
Silica glass (GI50/80)
Coating
UV curable resin/Thermo plastic resin(
Ø0.5)
Receptacles
Port
Details
Transmitter Receptacle(TX)
and
Receiver Receptacle(RX)
Housing
LCP(Black)
Contact
Phosphor bronze (Au plating)
Shell
Phosphor bronze (Au plating)
Composition of Product Number
Refer to the product number to determine the product specifications.
Plug harness
BF4M C-6G TX RX - B1 - 75MM
❶❷
Series
Identification of Bit rate
 C-6G : 0.05 to 6.25 Gbps
❸❹Type of plug that attaches to both ends of the
harness
  T X : BF4 Transmitter plug
  RX : BF4 Receiver plug
Type of fiber cable
 B1 : diameter Ø0.5, Red
 B2 : diameter Ø0.5, Blue
Identification of the length of the fiber cable
*Cable length less than 1m
⇒ The end of the product
name·**MM(Millimeter)
*Cable length 1m or more
⇒ The end of the product
name·**M(Meter)
Receptacle
BF4 - TX - 14 DS - 0.5 V
(01)
❶❷
Series
Identification of the Transmitter and Receiver
 TX : Transmitter
 RX : Receiver
Number of Electrical terminal pin
 14 pin
Identification of Socket shape
 Socket(S) of Double line assignment pins(D)
Identification of the electric terminal pitch
 0.5mm
Identification of the mating method
 V:Vertical mated to the mounting surface
Packing specifications
 None:500 pcs/reel
 (01):1000 pcs/reel
 (02):2000 pcs/reel
 (10):10 pcs/pack
 (11):100 pcs/reel



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com