전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF4M 데이터시트(PDF) 6 Page - Hirose Electric

부품명 BF4M
상세설명  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4M 데이터시트(HTML) 6 Page - Hirose Electric

  BF4M Datasheet HTML 1Page - Hirose Electric BF4M Datasheet HTML 2Page - Hirose Electric BF4M Datasheet HTML 3Page - Hirose Electric BF4M Datasheet HTML 4Page - Hirose Electric BF4M Datasheet HTML 5Page - Hirose Electric BF4M Datasheet HTML 6Page - Hirose Electric BF4M Datasheet HTML 7Page - Hirose Electric BF4M Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BF4M SeriesActive Optical Connector
6
Receptacle:Pattern Layout
Recommended stencil dimensions
(Stencil thickness 120 μm)
Apeture ratio
Pads for contacts: 70%
Pads for shell: 100%
Recommended PCB land pattern dimensions
0.26
1.2
4.9
3.65
1.4
0.9
1
3
P=0.5
3.8
4.5
5.6
5.7
3
1.4
1.2
0.9
3.65
4.9
1
0.3
P=0.5
The hatched areas in Figure 2.4(A) are close to metal
shell, and there is a possibility of a short circuit. Make
sure not to locate a via Hole without a solder mask.
Receptacle: Transmitter (TX)
3
P=0.5±0.05
9.5
(2.05)
(0.25)
(1.75)
10.25
Vacuum
pick up area
3mm
2.1mm
Vacuum
pick up area
3
9.5
(1.75)
(0.25)
(2.05)
10.25
P=0.5±0.05
Vacuum
pick up area
Vacuum
pick up area
3mm
2.1mm
Receptacle: Receiver (RX)
· The structure is designed so that the receiver (RX)
plug does not mate.
Part No.
HRS No.
Package specifications
BF4-TX-14DS-0.5V
831-0008-6 00
500 pcs/reel
BF4-TX-14DS-0.5V(01)
831-0008-6 01
1000 pcs/reel
BF4-TX-14DS-0.5V(02)
831-0008-6 02
2000 pcs/reel
BF4-TX-14DS-0.5V(10)
831-0008-6 10
10 pcs/pack
BF4-TX-14DS-0.5V(11)
831-0008-6 11
100 pcs/reel
· The structure is designed so that the transmitter (TX)
plug does not mate.
Part No.
HRS No.
Package specifications
BF4-RX-14DS-0.5V
831-0009-9 00
500 pcs/reel
BF4-RX-14DS-0.5V(01)
831-0009-9 01
1000 pcs/reel
BF4-RX-14DS-0.5V(02)
831-0009-9 02
2000 pcs/reel
BF4-RX-14DS-0.5V(10)
831-0009-9 10
10 pcs/pack
BF4-RX-14DS-0.5V(11)
831-0009-9 11
100 pcs/reel



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com