전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV0684 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STV0684
상세설명  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 29Page - STMicroelectronics STV0684 Datasheet HTML 30Page - STMicroelectronics STV0684 Datasheet HTML 31Page - STMicroelectronics STV0684 Datasheet HTML 32Page - STMicroelectronics STV0684 Datasheet HTML 33Page - STMicroelectronics STV0684 Datasheet HTML 34Page - STMicroelectronics STV0684 Datasheet HTML 35Page - STMicroelectronics STV0684 Datasheet HTML 36Page - STMicroelectronics STV0684 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
STV0684
Electrical Characteristics
In slave mode for resynchronization purpose the need for idle phase between byte transfer is
needed for the transmit mode.
tCSS
SS active Setup time, relative to SCK
210(master/
slave)
ns
tCHSH
SS active hold time, relative to SCK
50(master/
slave)
ns
tV
Clock low to output valid
20
(master/slave)
ns
tCS
Minimum SS high time
120(slave)
ns
tidle
Idle phase between byte transfer in transmit mode for
resynchronisation
120(slave)
ns
Figure 11: Idle phase timing in slave mode
Table 11: SPI timing table
Symbol
Parameter
Min
Max
Units
tidle
sck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49