전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB739RWZ 데이터시트(PDF) 1 Page - TT Electronics.

부품명 OPB739RWZ
상세설명  Reflective Line Reader Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB739RWZ 데이터시트(HTML) 1 Page - TT Electronics.

  OPB739RWZ Datasheet HTML 1Page - TT Electronics. OPB739RWZ Datasheet HTML 2Page - TT Electronics. OPB739RWZ Datasheet HTML 3Page - TT Electronics. OPB739RWZ Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The OPB739RWZ is a reflective line reader sensor. The sensor utilizes a visible red (650nm) LED and an NPN silicon
phototransistor mounted side by side on converging optical axes in a black plastic housing. The converging light beam
makes this sensor capable of detecting line widths as small as 0.004” [0.1mm] at the optimum distance of 0.030” [0.76mm]
from the target. The red LED maximizes the reflected signal contrast of black lines on white backgrounds. Recommended
line spacing is .050” minimum.
This sensor can be used with Optek’s OCB100CZ auto calibration module to reduce variability from sensor to sensor and to
achieve a digital output.
Custom electrical, wire, cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Line Reading
Low Resolution Bar Code Sensing
Paper edge detection
Mark detection
Reflective Optical Encoders
Focused for maximum sensitivity
Phototransistor Output
650nm Visible Red LED to optimize detection of dye based inks
Low-cost plastic housing
24” minimum 26AWG wire leads
Optimal operating distance range 0.015” [.38mm] to 0.045” [1.14mm]
RoHS


유사한 부품 번호 - OPB739RWZ

제조업체부품명데이터시트상세설명
logo
TT Electronics.
OPB739RWZ TTELEC-OPB739RWZ Datasheet
685Kb / 4P
Reflective Line Reader Sensor
10/2016
More results

유사한 설명 - OPB739RWZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPR5005 OPTEK-OPR5005 Datasheet
191Kb / 2P
SMD REFLECTIVE SENSOR
logo
Honeywell Solid State E...
HOA1180 HONEYWELL-HOA1180 Datasheet
329Kb / 2P
Reflective Sensor
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
REFLECTIVE OBJECT SENSOR
logo
Honeywell Solid State E...
HOA1405 HONEYWELL-HOA1405 Datasheet
387Kb / 4P
Reflective Sensor
HOA0709-011 HONEYWELL-HOA0709-011 Datasheet
437Kb / 4P
Reflective Sensor
logo
Honeywell Accelerometer...
HOA2498-002 HONEYWELL-ACC-HOA2498-002 Datasheet
419Kb / 4P
Reflective Sensor
logo
OPTEK Technologies
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
Reflective Object Sensor
logo
Honeywell Accelerometer...
HOA0709-001 HONEYWELL-ACC-HOA0709-001 Datasheet
437Kb / 4P
Reflective Sensor
HOA1404 HONEYWELL-ACC-HOA1404 Datasheet
441Kb / 4P
Reflective Sensor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com