전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB739RWZ 데이터시트(PDF) 3 Page - TT Electronics.

부품명 OPB739RWZ
상세설명  Reflective Line Reader Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB739RWZ 데이터시트(HTML) 3 Page - TT Electronics.

  OPB739RWZ Datasheet HTML 1Page - TT Electronics. OPB739RWZ Datasheet HTML 2Page - TT Electronics. OPB739RWZ Datasheet HTML 3Page - TT Electronics. OPB739RWZ Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Drive Circuit
Adjust LED drive to obtain an
output voltage of approximately 4
volts when reflective target is in
position and when line to detect is
not in the sensors field of view
Example reflective target with
0.004”, 0.008”, and .012” line widths
spaced 0.050” apart
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
Time (mS)
Typical Output Voltage vs Time
Line Spacing = .050"
Paper Speed = 50 inches / second
0.004" Lines
0.012" Lines
0.008" Lines



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com