전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPB739RWZ 데이터시트(PDF) 2 Page - TT Electronics.

부품명 OPB739RWZ
상세설명  Reflective Line Reader Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB739RWZ 데이터시트(HTML) 2 Page - TT Electronics.

  OPB739RWZ Datasheet HTML 1Page - TT Electronics. OPB739RWZ Datasheet HTML 2Page - TT Electronics. OPB739RWZ Datasheet HTML 3Page - TT Electronics. OPB739RWZ Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Storage and Operating Temperature Range
-40° C to +85° C
Input LED
Forward DC Current
40 mA
Reverse DC Voltage
2 V
Power Dissipation
100 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
100 mW
Input IR LED
VF
Forward Voltage
1.2
2.0
2.3
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
λP
Peak Emission Wavelength
-
650
-
nm
IF = 20mA
Output Phototransistor
V(BR)CE0
Collector Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter Collector Breakdown Voltage
5
-
-
v
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0
Tr
Rise Time
-
300
-
µs
VCE = 5 Volts
(3)
IC = 1 mA
RL = 20KΩ
Tf
Fall Time
-
300
-
µs
Coupled Characteristics
I C(ON)
On-State Collector Current
0.25
-
-
mA
d = 0.030” (.76 mm)
(1)(2)
IF = 20 mA, VCE = 5 V
V CE(SAT)
Collector Emitter Saturation Voltage
-
-
0.4
V
d = 0.030” (.76 mm)
(1)(2)
IC = 50 µA, IF = 20 mA
I CX
Crosstalk Collector Current
-
-
0.05
mA
IF = 20 mA, VCE = 5 V
No reflective test surface present
Notes:
1.
“d” is the distance from the assembly’s lens surface to the reflective surface.
2.
Measured using 90% diffuse reflectance white test card as the reflecting surface.
3.
Typical values by design. Rise and Fall times are not tested.
4.
Methanol or Isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and ketones.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com