| 전자부품 데이터시트 검색엔진 |
|
CM312 데이터시트(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 데이터시트(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 56 page ![]() CM312 Quad Serial utilityModule 21 RTD Embedded Technologies, Inc. 10Base-T connector, CN8 Connector CN8 is for UTP (Unshielded Twisted Pair) wiring normally used for 10Base-T Ethernet. It is wired in parallel with CN10. Don't try to use both CN8 and CN10 at the same time. The following table gives the pinout of CN8. Pin Signal Function in/out 1 TX+ Transmit + out 2 TX- Transmit - out 3 RX+ Receive + in 4 N.C. not connected 5 N.C. not connected 6 RX- Receive - in 7 N.C. not connected 8 N.C. not connected The figure below shows the pin numbering of CN8 when looking into the connector: 1 2 3 4 5 6 7 8 Figure 4 CN8 RJ-45 Jack Connector CN8 is a standard female RJ-45 connector. One example of a mating plug is: • AMP 5-554739-3 (unshielded) 10Base-T connector, CN10 Connector CN10 is for UTP (Unshielded Twisted Pair) wiring normally used for 10Base-T Ethernet. It is wired in parallel with CN8. Don't try to use both CN8 and CN10 at the same time. The following table gives the pinout of CN10. Pin Signal Function in/out 1 TX+ Transmit + out 2 RX- Receive - in 3 TX- Transmit - out 5 RX+ Receive + in 4, 6 - 10 N.C. not connected |