| 전자부품 데이터시트 검색엔진 |
|
CM312 데이터시트(PDF) 40 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 데이터시트(HTML) 40 Page - List of Unclassifed Manufacturers |
|
40 / 56 page ![]() CM312 Quad Serial utilityModule 30 RTD Embedded Technologies, Inc. The directory structure of the disk is: +---NDIS30 +---NETWARE ¦ +---NW286 ¦ ¦ +---FS ¦ +---NW3.X ¦ +---NW4.X ¦ +---NWODI +---MSLANMAN.DOS ¦ +---DRIVERS ¦ +---ETHERNET ¦ ¦ +---NE2000 ¦ ¦ +---NE1000 ¦ +---NIF +---MSLANMAN.OS2 ¦ +---DRIVERS ¦ +---ETHERNET ¦ ¦ +---NE2000 ¦ ¦ +---NE1000 ¦ +---NIF +---PACKET.DRV +---TOOLS Server Examples The following examples illustrates configuration of the module for use as a server. Novell Netware 2.2 The NE2000 Netware Driver is configurable and may operate with a variety of selections for I/O Address and Interrupt. These options should be selected via ECONFIG, DCONFIG and NETGEN (for 2.15) or INSTALL (for 2.2) utilities, which are provided with the Netware distribution diskettes. To generate the 2.15 dedicated server from an existing Network Disk: 1) Create NET$OS. This can be done from any station attached to the network server. • run netgen: • -Select Network Configuration (Our driver) • -Link/Configure Netware Operating System 2) Now that NET$OS has been generated, do the Netware Installation. On the server PC you are configuring: |