전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CM312 데이터시트(PDF) 42 Page - List of Unclassifed Manufacturers

부품명 CM312
상세설명  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CM312 데이터시트(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 38Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 39Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 40Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 41Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 42Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 43Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 44Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 45Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
CM312 Quad Serial utilityModule
32
RTD Embedded Technologies, Inc.
The default is the board's unique IEEE address if this line is not present.
FRAME TYPE
May be set by including the following in the command line
Frame = <type>
where <type> is ETHERNET_802.3, ETHERNET_802.2, ETHERNET_II,
ETHERNET_SNAP
This defaults to ETHERNET_802.3 if the line is not present.
MEDIA TYPE SELECTION
The user may select the media type to be used. This option is specified via parameter passing in the
command line.
The parameter name is "MEDIA_TYPE=" . The value following the keyword must be one of the
following:
•
"AUTO"
for automatic selection.
•
"10BASET" for 10BaseT.
•
"AUI”
for AUI interface.
If the MEDIA_TYPE keyword is not present the driver will use the module’s EEPROM default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56