전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMDA0 데이터시트(PDF) 2 Page - Everlight Electronics Co., Ltd

부품명 EAIRMDA0
상세설명  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMDA0 데이터시트(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAIRMDA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet
Infrared Receiver Module
EAIRMDA0
2
Copyright © 2010, Everlight Americas Inc. Release Date : 27/1/2014 Issue No: 1 Rev:1
www.everlightamericas.com
Application Circuit
The RC Filter must be connected as close as possible to Vcc and GND pins.
Parts Table
Model No.
Carrier Frequency
EAIRMDA0
38 kHz
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Operating Temperature
Topr
-20 ~ +80
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
*1
Tsol
260
*1
4mm from mold body for less than 5 seconds



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com