전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMDA0 데이터시트(PDF) 4 Page - Everlight Electronics Co., Ltd

부품명 EAIRMDA0
상세설명  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMDA0 데이터시트(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAIRMDA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
Infrared Receiver Module
EAIRMDA0
4
Copyright © 2010, Everlight Americas Inc. Release Date : 27/1/2014 Issue No: 1 Rev:1
www.everlightamericas.com
Test method
The specified electro-optical characteristics are valid under the following conditions.
1. Measurement environment
A place without extreme light reflections.
2. External light
The environment contains an ordinary, white fluorescent lamp without high frequency modulation. The
color temperature is 2856K and the illumination at the IR receiver is less than 10 Lux (Ev≦10Lux).
3. Standard transmitter
The test transmitter is calibrated by using the circuit shown in figure 2. The radiation intensity of the
transmitter is adjusted until Vo=400mVp-p. Both, the test transmitter and the photo diode, have a peak
wavelength of 940nm. The photo diode for calibration is PD438B (
λp=940nm, Vr=5V).
4. The measurement system is shown in Fig.-3
Fig.-1 Transmitter Wave Form
D.U.T output Pulse
Fig.-2 standard transmitter calibration
Fig.-3
Measuring System



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com