전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMDA0 데이터시트(PDF) 1 Page - Everlight Electronics Co., Ltd

부품명 EAIRMDA0
상세설명  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMDA0 데이터시트(HTML) 1 Page - Everlight Electronics Co., Ltd

  EAIRMDA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMDA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Copyright © 2010, Everlight Americas Inc. Release Date : 27/1/2014 Issue No: 1 Rev:1
www.everlightamericas.com
Infrared Receiver Module
EAIRMDA0
Features
‧ High protection ability against EMI
‧ Ellipsoid lens for improved reception characteristics
‧ Available for various carrier frequencies
‧ Min burst length: 10 cycles
‧ Min gap length: 14 cycles
‧ Low operating voltage and low power consumption
‧ High immunity against ambient light
‧ High immunity against TFT backlight
‧ Long reception range
‧ High sensitivity
‧ Pb free and RoHS compliant
‧Compliance with EU REACH
‧Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm)
Description
The EAIRMDA0 devices are DIP type infrared receivers which have been developed and designed by using the
latest IC technology.
The PIN diode and preamplifier are assembled onto a lead frame and molded into a black epoxy package which
operates as an IR filter.The demodulated output signal can directly be decoded by a microprocessor.
Applications
• AV equipment such as TV, VCR, DVD, CD, MD, etc.
• CATV set top boxes
• Multi-media Equipment
• Other devices using IR remote control
Pin Configuration
1. OUT
2. GND
3. VCC
1
2
3
Block Diagram


유사한 부품 번호 - EAIRMDA0

제조업체부품명데이터시트상세설명
logo
Everlight Electronics C...
EAIRMDA1 EVERLIGHT-EAIRMDA1 Datasheet
416Kb / 8P
Infrared Receiver Module
EAIRMDA2 EVERLIGHT-EAIRMDA2 Datasheet
406Kb / 8P
Infrared Receiver Module
More results

유사한 설명 - EAIRMDA0

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
MIM-0KM2AKF UOT-MIM-0KM2AKF Datasheet
61Kb / 5P
INFRARED RECEIVER MODULE
logo
List of Unclassifed Man...
PIC-1018SMB ETC-PIC-1018SMB Datasheet
204Kb / 3P
INFRARED RECEIVER MODULE
logo
BRIGHT LED ELECTRONICS ...
BRM-1040-NS BRIGHT-BRM-1040-NS Datasheet
221Kb / 5P
INFRARED RECEIVER MODULE
logo
Unity Opto Technology
MIM-5335S2F UOT-MIM-5335S2F Datasheet
233Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337K1F UOT-MIM-3337K1F Datasheet
222Kb / 6P
INFRARED RECEIVER MODULE
MIM-3337H2F UOT-MIM-3337H2F Datasheet
226Kb / 6P
INFRARED RECEIVER MODULE
logo
Everlight Electronics C...
IRM-36XXM3 EVERLIGHT-IRM-36XXM3 Datasheet
332Kb / 7P
Infrared Receiver Module
2010-10-28
EAIRMAA3 EVERLIGHT-EAIRMAA3 Datasheet
379Kb / 8P
Infrared Receiver Module
EAIRMBA0 EVERLIGHT-EAIRMBA0 Datasheet
448Kb / 8P
Infrared Receiver Module
EAIRMBA8 EVERLIGHT-EAIRMBA8 Datasheet
350Kb / 8P
Infrared Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com