전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCD1284 데이터시트(PDF) 16 Page - Intel Corporation

부품명 SCD1284
상세설명  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 데이터시트(HTML) 16 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 12Page - Intel Corporation SCD1284 Datasheet HTML 13Page - Intel Corporation SCD1284 Datasheet HTML 14Page - Intel Corporation SCD1284 Datasheet HTML 15Page - Intel Corporation SCD1284 Datasheet HTML 16Page - Intel Corporation SCD1284 Datasheet HTML 17Page - Intel Corporation SCD1284 Datasheet HTML 18Page - Intel Corporation SCD1284 Datasheet HTML 19Page - Intel Corporation SCD1284 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
16
Datasheet
HCMOS
high-performance complementary metal-oxide
semiconductor
HDLC
high-level data link control
IC
integrated circuit
IDC
instruction and data cache
ISA
industry standard architecture
LSB
least-significant bit
MPU
microprocessing unit
MSB
most-significant bit
PIO
programmed I/O
PPP
point-to-point protocol
MQFP
metric quad flat pack
RAM
random-access memory
RLE
run-length encoded
R/W
read/write
SDLC
synchronous data link control
SRAM
static random-access memory
SWI
software interrupt instruction
TLB
translation look-aside buffer
TTB
translation table base
TTL
transitor-transitor logic
VRAM
video random-access memory
WB
write buffer
Acronym
Definition
(Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More