전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822CD 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 KA2822CD
상세설명  3-Phase BLDC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822CD 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  KA2822CD Datasheet HTML 1Page - Fairchild Semiconductor KA2822CD Datasheet HTML 2Page - Fairchild Semiconductor KA2822CD Datasheet HTML 3Page - Fairchild Semiconductor KA2822CD Datasheet HTML 4Page - Fairchild Semiconductor KA2822CD Datasheet HTML 5Page - Fairchild Semiconductor KA2822CD Datasheet HTML 6Page - Fairchild Semiconductor KA2822CD Datasheet HTML 7Page - Fairchild Semiconductor KA2822CD Datasheet HTML 8Page - Fairchild Semiconductor KA2822CD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KA2822CD
5
Equivalent Circuits
U_amp, V_ amp input
U, V, W drive output and current detection 1, 2
FG input and FG output
OSC input
CE input
Hall bias input and voltage regulator output
5k
(18Pin,
25Pin)
(19Pin,
24Pin)
2.5k
2.5k
vcc
vcc
vcc
(17Pin,
26Pin)
VCC
(16Pin)
U
(23Pin)
V
(22Pin)
W
(21Pin)
40k
40k
40k
(28Pin)
(10Pin)
0.5k
0.5k
25k
vcc
vcc
vcc
vcc
vcc
(1Pin)
(13Pin)
0.1k
5k
1k
50pF
vcc
vcc
CE
3k
vcc
vcc
(7Pin)
(27Pin)
2.9V
(4Pin)
2.2V
vcc
vcc
vcc
vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com