전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822CD 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA2822CD
상세설명  3-Phase BLDC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822CD 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA2822CD Datasheet HTML 6Page - Fairchild Semiconductor KA2822CD Datasheet HTML 7Page - Fairchild Semiconductor KA2822CD Datasheet HTML 8Page - Fairchild Semiconductor KA2822CD Datasheet HTML 9Page - Fairchild Semiconductor KA2822CD Datasheet HTML 10Page - Fairchild Semiconductor KA2822CD Datasheet HTML 11Page - Fairchild Semiconductor KA2822CD Datasheet HTML 12Page - Fairchild Semiconductor KA2822CD Datasheet HTML 13Page - Fairchild Semiconductor KA2822CD Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
KA2822CD
10
Electrical Characteristics (Continued)
(Ta=25
°C, VCC=5V, unless otherwise specified)
Notes:
Design reference value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
CHARGE PUMP
Charge current
ICP−
RPM=L
−15
−20
−25
µA
Discharge current
ICP+
RPM=L
15
20
25
µA
Current ratio note
IR
ICP+ / ICP−
0.9
1.0
1.1
-
Off current
IOFF
VCP=0.63V
-
-
50
nA
Clamp voltage note
VCLP
--
1.3
1.5
V
FG AMP
Output DC voltage note
VFG
-
1.0
1.3
1.6
V
Voltage gain 2
GFG
-24
34
44
dB
Input voltage range note
VIN
-2.0
-
20
mVP-P
Noise margin 1 note
ND
Differential noise
-
-
0.5
mVP-P
Noise margin 2 note
NC
Common mode noise
-
-
0.5
VP-P
SPEED CONTROL
Count range 1note
N1
RPM=L
-
1666.5
-
-
Count range 2 note
N2
RPM=H
-
1388.5
-
-
Operating freq.
FD
--
1.0
1.1
MHz
BURST ADJUSTMENT
Input current
IBI
--
1
2
µA
Threshold voltage 1
VTH1
RPM=L
1.2
1.45
1.7
V
Threshold voltage 2
VTH2
RPM=H
1.05
1.3
1.55
V
PULSE WIDTH ADJUSMENT
Ct2 charge current
ICT2
-
−19
−25
−36
µA
Threshold voltage 3
VTH3
-
0.9
1.1
1.3
V
INDEX OUTPUT
Output leakage current note
IOH
--
1
2
µA
Output low voltage
VO1
IO=1mA
-
0.2
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com