전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822CD 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 KA2822CD
상세설명  3-Phase BLDC Motor Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822CD 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button KA2822CD Datasheet HTML 5Page - Fairchild Semiconductor KA2822CD Datasheet HTML 6Page - Fairchild Semiconductor KA2822CD Datasheet HTML 7Page - Fairchild Semiconductor KA2822CD Datasheet HTML 8Page - Fairchild Semiconductor KA2822CD Datasheet HTML 9Page - Fairchild Semiconductor KA2822CD Datasheet HTML 10Page - Fairchild Semiconductor KA2822CD Datasheet HTML 11Page - Fairchild Semiconductor KA2822CD Datasheet HTML 12Page - Fairchild Semiconductor KA2822CD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
KA2822CD
9
Electrical Characteristics
(Ta=25
°C, VCC=5V, unless otherwise specified)
Notes:
Design reference value
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
Supply current 1
ICCO
VCC=5.5V
CE=H, RPM=L
-1.0
2.0
mA
Supply current 2
ICC
VCC=5.5V, CE=L
-
15
23
mA
CHIP ENABLE
Input current
ICE
CE=0~5V
-
5
10
µA
Input low voltage
VCEL
--
-
1.0
V
Input high voltage
VCEH
-3.5
-
-
V
RPM SELECT
Input current
IRPM
CE=0~5V
-
5
10
µA
Input low voltage
VRPML
--
-
1.0
V
Input high voltage
VRPMH
-3.5
-
-
V
HALL AMP
Input resistance note
RIN
-1
10
-
k
Common mode input voltage range note
VCOM
-2.0
-
VCC
V
Differential input voltage range note
VDIF
-140
-
420
mVPP
START-UP
Hall bias voltage 1
VHB1
IH=4mA, CE=L
2.3
2.5
2.7
V
Hall bias voltage 2
VHB2
IH=10mA, CE=L
2.7
2.9
3.1
V
Reference voltage
Vref
IO=1mA, CE=L
1.7
2.2
2.7
V
Bias off current
IHOFF
VH=5.5V, CE=H
-
5
10
µA
OUTPUT AMP
Leakage current
ICER
--
0.5
1
mA
Saturation voltage 1
Vsat1
IO=0.35A
-
1.0
1.2
V
Saturation voltage 2
Vsat2
IO=0.7A
-
1.3
1.8
V
BUFFER & CONTROL AMP
Voltage gain 1 note
GCT1
--
−11
-
dB
Reference voltage 1 note
Vref1
Current limiter voltage
0.205 0.208 0.210
V
Reference voltage 2 note
Vref2
Control begin voltage
-
0.69
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com