전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-MD2-RFB-01F-01 데이터시트(PDF) 6 Page - RFbeam Microwave GmbH

부품명 K-MD2-RFB-01F-01
상세설명  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFBEAM [RFbeam Microwave GmbH]
홈페이지  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 데이터시트(HTML) 6 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 10Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 6/23
THEORY OF OPERATION
The K-MD2 is configured to perform Frequency Mo-
dulated Continuous Wave (FMCW). With this modu-
lation the radar receives information about static and
moving objects.
In a typical FMCW radar system, the carrier frequency
is modulated with a digitally generated linear ramp. At
each step in the ramp, the received signal is demodu-
lated and the phase is sampled.
4 samples ignored
256 samples used
bandwidth
f
t
Frame
The K-MD2 is configured to sample 257 chirps per
frame but disregards the first chirp and uses only 256
chirps. Ignoring the first chirp is necessary to exclude
disturbances in the first chirp which are caused by
jumping to the start frequency.
First chirp ignored
256 chirps used
f
t
Chirp 0
Chirp 1
Chirp 2
Chirp 256
Figure 7: Frame generation
Figure 6: Ramp generation and sampling
Ramp
The K-MD2 is configured to use a saw tooth modula-
tion for the ramp. It samples 260 points and ignores
the first 4 samples. This means only the last 256
samples are used for processing. Ignoring the first
four samples will be done to eliminate the discontinui-
ty at start of the ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23