전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K-MD2-RFB-01F-01 데이터시트(PDF) 9 Page - RFbeam Microwave GmbH

부품명 K-MD2-RFB-01F-01
상세설명  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFBEAM [RFbeam Microwave GmbH]
홈페이지  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 데이터시트(HTML) 9 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 11Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 12Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 13Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 9/23
Target Detection
With a set of parameters the number of raw targets
can be influenced. It can be decided how a peak over
threshold is reported. Usually an object results not
only as one peak in the range-doppler map but rather
as some peaks side by side.
Background Update (PSBU)
The running moving average is maintained for the
mean range-doppler map, which provides an expo-
nential moving average (EMA) against which each
measurement is compared. The coefficient for the
exponential decay is set using the PSBU command.
When debugging the performance, it is useful to set
the ‘Background update’ to zero so that no clut-
ter or interference is removed. It should be reset to
a typical value of 128 for normal operation. The value
sets the coefficient for the exponential moving avera-
ge against which new signals are compared. Higher
values cause the average to update more slowly so
that new signals are reported for longer.
Figure 9: Background update = 0 on the left and background update = 128 on the right
The following formula shows how the exponential
moving average filter is built:
S(t) = a . Y(t) + (1– a) . S(t – 1)
S(t) = Value of the EMA at any time period t
Y(t) = Value at a time period t
a
= 1/(background update)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23