전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP7103 데이터시트(PDF) 7 Page - Feeling Technology Corp.

부품명 FP7103
상세설명  28V, 3A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7103 데이터시트(HTML) 7 Page - Feeling Technology Corp.

Back Button FP7103 Datasheet HTML 3Page - Feeling Technology Corp. FP7103 Datasheet HTML 4Page - Feeling Technology Corp. FP7103 Datasheet HTML 5Page - Feeling Technology Corp. FP7103 Datasheet HTML 6Page - Feeling Technology Corp. FP7103 Datasheet HTML 7Page - Feeling Technology Corp. FP7103 Datasheet HTML 8Page - Feeling Technology Corp. FP7103 Datasheet HTML 9Page - Feeling Technology Corp. FP7103 Datasheet HTML 10Page - Feeling Technology Corp. FP7103 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FP7103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.94
7/12
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Total Device Section
EN Input Current
IEN
EN pin Open
20
μA
Upper Threshold Voltage (EN)
VUPPER
1.12
V
Lower Threshold Voltage (EN)
VLOW
0.87
V
Hysteresis
VHYS
210
250
mV
Average Supply Current
IAVE
4
6
mA
VCC Shutdown Current
Ishutdown
15
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com