전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP7103 데이터시트(PDF) 2 Page - Feeling Technology Corp.

부품명 FP7103
상세설명  28V, 3A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7103 데이터시트(HTML) 2 Page - Feeling Technology Corp.

  FP7103 Datasheet HTML 1Page - Feeling Technology Corp. FP7103 Datasheet HTML 2Page - Feeling Technology Corp. FP7103 Datasheet HTML 3Page - Feeling Technology Corp. FP7103 Datasheet HTML 4Page - Feeling Technology Corp. FP7103 Datasheet HTML 5Page - Feeling Technology Corp. FP7103 Datasheet HTML 6Page - Feeling Technology Corp. FP7103 Datasheet HTML 7Page - Feeling Technology Corp. FP7103 Datasheet HTML 8Page - Feeling Technology Corp. FP7103 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FP7103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.94
2/12
Function Block Diagram
2.50V
Output Drive
Control Circuits
Internal Soft Start
Circuit
Reference
Regulator
Oscillator
VCC
FB
0. 25V
500
36K
COMP
GND
GND
LX
LX
Thermal
Shutdown
Over Current
Protection
Enable
Control
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com