전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP7103 데이터시트(PDF) 8 Page - Feeling Technology Corp.

부품명 FP7103
상세설명  28V, 3A Buck Constant Current Switching Regulator for White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FEELING [Feeling Technology Corp.]
홈페이지  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7103 데이터시트(HTML) 8 Page - Feeling Technology Corp.

Back Button FP7103 Datasheet HTML 4Page - Feeling Technology Corp. FP7103 Datasheet HTML 5Page - Feeling Technology Corp. FP7103 Datasheet HTML 6Page - Feeling Technology Corp. FP7103 Datasheet HTML 7Page - Feeling Technology Corp. FP7103 Datasheet HTML 8Page - Feeling Technology Corp. FP7103 Datasheet HTML 9Page - Feeling Technology Corp. FP7103 Datasheet HTML 10Page - Feeling Technology Corp. FP7103 Datasheet HTML 11Page - Feeling Technology Corp. FP7103 Datasheet HTML 12Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FP7103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.94
8/12
Detailed Description
Voltage Reference
A built-in 2.5V reference regulator supplies FP7103 internal circuits. Also, this 2.5V reference
voltage is divided down by an internal resistive divider to provide a 0.25V precision reference voltage to
the error amplifier non-inverting terminal.
Setting the LED Current
FP7103 is a constant current buck regulator. The LEDs are connected between VOUT and FB pin
as shown in the Typical Application Circuit section. The FB pin is 0.25V in regulation. Therefore, the
LEDs current IF is set by VFB and the resistor R2 connected between FB and ground by the following
equation:
2
FB
F
R
V
I
IF should not exceed the 3A current capability of FP7103 and therefore R2 minimum must be
approximately 0.083
Ω
Output Voltage
The output voltage is primarily determined by the number of LEDs(n) connected between VOUT
and FB pin. Therefore, VOUT can be written as:
)
V
)
V
n
((
V
FB
F
OUT
Where VF is the forward voltage of one LED at the set LED current level (see LED manufacturer
datasheet for forward characteristics curve)
Oscillator
The fixed PWM frequency is generated by an internal oscillator. Its typical values are 320KHz.
Thermal Protection
The thermal protection is triggered when junction temperature is higher than 150
℃ that may
occurs by an abnormal heavy current loading. When this happens, the FP7103 turns output off. Once
the junction temperature is cooled down to lower than 130
℃, FP7103 starts again and turns the power
switch on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com