| 전자부품 데이터시트 검색엔진 |
|
FS9721_LP1 데이터시트(PDF) 34 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 데이터시트(HTML) 34 Page - Fortune Semiconductor Corp. |
|
34 / 41 page ![]() FS9721_LP1 Rev. 2.0 35/41 16.5K 220K R30 100K VDDA C E B ADP Diagram 34 NPN-type Triode 14.20 Temperature Measurement R9 90k R8 10k VR3 20k _ + RT2 180 J2 RT3 10k R18 1k RT4 100k VR4 10k T6 K type OP1O TSTC SGND REFO FS9721_LP1 J1 RT1 100k OP1N Diagram 35 Temperature Measurement (1) For the connection of the thermocouple in the diagram, the negative (-) point can be connected directly to the ground (AGND). When the thermocouple is not connected or damaged, it will display overload (OL). |