| 전자부품 데이터시트 검색엔진 |
|
FS9721_LP1 데이터시트(PDF) 40 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9721_LP1 데이터시트(HTML) 40 Page - Fortune Semiconductor Corp. |
|
40 / 41 page ![]() FS9721_LP1 Rev. 2.0 41/41 9. FS9721_LP1 Measurement Mode and Jumper Setup: MEA4 MEA3 MEA2 MEA1 Function Mode Jump Input 0 0 0 1 DCV J2 V/Diode/Ohm/CAP,COM 0 0 1 0 ACV J2 V/Diode/Ohm/CAP,COM 0 0 1 1 Ohm J1,J3 V/Diode/Ohm/CAP,COM 0 1 0 0 Hz/Duty J4 ADP / ADP1,COM 0 1 0 1 CAP J1,J3 V/Diode/Ohm/CAP,COM 0 1 1 0 Beep / Diode J1,J3 V/Diode/Ohm/CAP,COM 0 1 1 1 uA J3,J8 V/Diode/Ohm/CAP,COM 1 0 0 0 V J2 V/Diode/Ohm/CAP,COM 1 0 0 1 Ohm/Diode/Beep/CAP J1,J3 V/Diode/Ohm/CAP,COM 1 0 1 0 A J3,J8 V/Diode/Ohm/CAP,COM 1 0 1 1 mA J3,J8 V/Diode/Ohm/CAP,COM 1 1 0 0 Diode J1,J3 V/Diode/Ohm/CAP,COM 1 1 0 1 Beep J1,J3 V/Diode/Ohm/CAP,COM 1 1 1 0 hFE J5 ADP / ADP1,COM 1 1 1 1 Temp J7,J9,J10 ADP / ADP1,COM 17. Ordering Information Product Number Description Package Type FS9721_LP1 Die form (78 pins) FS9721_LP1 100-pin QFP (Not Pb free package) FS9721_LP1-PCE Pb free package part number. 100-pin QFP (Pb free package) |