전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP2021 데이터시트(PDF) 9 Page - 3PEAK INC.

부품명 TP2021
상세설명  SC70, 1.8V, Nano-power Comparators with Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3PEAK [3PEAK INC.]
홈페이지  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2021 데이터시트(HTML) 9 Page - 3PEAK INC.

Back Button TP2021 Datasheet HTML 5Page - 3PEAK INC. TP2021 Datasheet HTML 6Page - 3PEAK INC. TP2021 Datasheet HTML 7Page - 3PEAK INC. TP2021 Datasheet HTML 8Page - 3PEAK INC. TP2021 Datasheet HTML 9Page - 3PEAK INC. TP2021 Datasheet HTML 10Page - 3PEAK INC. TP2021 Datasheet HTML 11Page - 3PEAK INC. TP2021 Datasheet HTML 12Page - 3PEAK INC. TP2021 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
          
9 
TP2021/TP2025
SC70, 1.8V, Nano-power Comparators with Voltage Reference
www.3peakic.com.cn
Typical Performance Characteristics
High to Low Propagation Delay Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
10
12
14
16
18
20
22
Propagation High to Low Delay (μs)
1462 Samples
VDD=5V
VCM=1.2V
100mV overdrive
 
Propagation Delay Skew Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
-2
02
468
10
Propagation Delay Skew (μs)
1462 Samples
VDD=5V
VCM=1.2V
100mV overdrive
 
Reference Voltage Distribution
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
1.20
1.22
1.24
1.26
1.28
1.30
1.32
Reference Voltage (mV)
1462 Samples
VDD=5V
 
Reference Voltage vs. Supply Voltage
1.2
1.22
1.24
1.26
1.28
1.3
12
34
5
Supply Voltage (V)
RREFLOAD=100kΩ
Isinking
Isourcing
 
Reference Voltage vs. Reference Load Current
1.2
1.22
1.24
1.26
1.28
1.3
0
100
200
300
400
Reference Load Current, Sourcing (μA)
VDD=5V
Isinking
Isourcing
 
Reference Voltage vs. Reference Load Current
1.22
1.225
1.23
1.235
1.24
010
20
30
Reference Load Current, Sourcing (μA)
VDD=1.8V
Isourcing
Isinking
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com