전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP2021 데이터시트(PDF) 14 Page - 3PEAK INC.

부품명 TP2021
상세설명  SC70, 1.8V, Nano-power Comparators with Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3PEAK [3PEAK INC.]
홈페이지  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2021 데이터시트(HTML) 14 Page - 3PEAK INC.

Back Button TP2021 Datasheet HTML 10Page - 3PEAK INC. TP2021 Datasheet HTML 11Page - 3PEAK INC. TP2021 Datasheet HTML 12Page - 3PEAK INC. TP2021 Datasheet HTML 13Page - 3PEAK INC. TP2021 Datasheet HTML 14Page - 3PEAK INC. TP2021 Datasheet HTML 15Page - 3PEAK INC. TP2021 Datasheet HTML 16Page - 3PEAK INC. TP2021 Datasheet HTML 17Page - 3PEAK INC. TP2021 Datasheet HTML 18Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
          
14 
TP2021/TP2025 
SC70, 1.8V, Nano-power Comparators with Voltage Reference
REV1.3
www.3peakic.com.cn
DD
V
2
1
1
tf
V
tr
V
hyst
V
R
R
R
As for the TP2025/TP2025U, a pull-up resistor should be placed between output and the supply. The formula for
calculating Vtr is slight difference with TP2021/TP2021U, so does the hysteresis voltage Vhyst.
ref
ref
V
)
V
DD
(V
1
2
1
tr
V
R
R
R PU
R
 
DD
V
2
1
1
hyst
V
R
R
R
  
if RPU<<R2 
Low Input Bias Current
The TP202x family is a CMOS comparator family and features very low input bias current in pA range. The low input
bias current allows the comparators to be used in applications with high resistance sources. Care must be taken to
minimize PCB Surface Leakage. See below section on “PCB Surface Leakage” for more details.
PCB Surface Leakage
In applications where low input bias current is critical, Printed Circuit Board (PCB) surface leakage effects need to be
considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces is 1012Ω. A 5V difference would cause 5pA of current to flow,
which is greater than the TP202x’s input bias current at +27°C (±6pA, typical). It is recommended to use multi-layer
PCB layout and route the comparator’s -IN and +IN signal under the PCB surface.
The effective way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard ring is
biased at the same voltage as the sensitive pin. An example of this type of layout is shown in Figure 6. for Inverting
configuration application.
1. For Non-Inverting Configuration:
a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface.
b) Connect the guard ring to the inverting input pin (VIN–). This biases the guard ring to the same reference as the
comparator.
2. For Inverting Configuration:
a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as
the comparator (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface.
Figure 6. Example Guard Ring Layout for Inverting Comparator
Ground Sensing and Rail to Rail Output
The TP202x family implements a rail-to-rail topology that is capable of swinging to within 10mV of either rail. Since the
inputs can go 300mV beyond either rail, the comparator can easily perform ‘true ground’ sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com