전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP2021 데이터시트(PDF) 19 Page - 3PEAK INC.

부품명 TP2021
상세설명  SC70, 1.8V, Nano-power Comparators with Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3PEAK [3PEAK INC.]
홈페이지  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2021 데이터시트(HTML) 19 Page - 3PEAK INC.

Back Button TP2021 Datasheet HTML 12Page - 3PEAK INC. TP2021 Datasheet HTML 13Page - 3PEAK INC. TP2021 Datasheet HTML 14Page - 3PEAK INC. TP2021 Datasheet HTML 15Page - 3PEAK INC. TP2021 Datasheet HTML 16Page - 3PEAK INC. TP2021 Datasheet HTML 17Page - 3PEAK INC. TP2021 Datasheet HTML 18Page - 3PEAK INC. TP2021 Datasheet HTML 19Page - 3PEAK INC. TP2021 Datasheet HTML 20Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
          
19 
TP2021/TP2025
SC70, 1.8V, Nano-power Comparators with Voltage Reference
www.3peakic.com.cn
Package Outline Dimensions
SOT23-5 / SOT23-6
 
 
 
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L1
0.300
0.460
0.012
0.024
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com