전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD5F2GQ4REZFS 데이터시트(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD5F2GQ4REZFS
상세설명  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4REZFS 데이터시트(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4REZFS Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
45
14 POWER ON TIMING
Figure14-1. Power on Timing Sequence
Vcc(max)
Vcc(min)
VWI
tVSL
Chip Selection is not allowed
Device is fully
accessible
Time
Table14-1. Power-On Timing and Write Inhibit Threshold for 1.8V/3.3V
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To CS# Low
5
ms
VWI
Write Inhibit Voltage
1.8V
1.7
V
3.3V
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com