전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD5F2GQ4REZFS 데이터시트(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD5F2GQ4REZFS
상세설명  SPI(x1/x2/x4) NAND Flash
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4REZFS 데이터시트(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4REZFS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4REZFS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
SPI(x1/x2/x4) NAND Flash
2G
55
22 REVISION HISTORY
Version No
Description
Date
Page
1.0
Initial Release
2017-07-03
1.1
Add parameter page CRC value
2017-07-14
1.2
Modify Package TFBGA-24BALL (6*8 ball array)
Delete Package WSON8 (6*8mm) & SOP16 300MIL
2017-7-20
1.3
Modify the Number of Figure and Table
Modify some typo of Read Operation Sequence Diagram
Reduce the size of parameter page device model table
Modify TFBGA-24BALL description
Modify Read CID command sequence description
2017-9-1
1.4
Delete Package WSON8 in ORDERING INFORMATION
2017-9-26
1.5
Add the Note article 4 of Page Program
2017-10-23
1.6
Add the chapter of Valid Part Numbers
2017-11-03
1.7
Add the description of 2Gb SLC NAND Flash
Add the description of Reliability
Modify the Figure of Program Load Sequence Diagram typo
Modify the package of LGA8
2017-12-11
1.8
Modify the package of TFBGA24
Modify the typo of LGA8
Add a note for Figure7-1
2017-12-27
1.9
Add 01h address for ID table
Add LGA8 package description for hardware reset section
2018-1-16
2.0
Modify some typo.
Add Temperature Range J:Industrial(-40
℃ to 105℃) and
related description
Change Memory Mapping CA from <12:0> to <11:0>,RA from
<17:6> to <16:6>
Add a figure to description Read ID sequence
Add page size 2048bytes + 64bytes with ECC enabled
Modify figure 10-1,11-1,11-4,11-5,11-6 Byte from 4352 or 4351 to
2176/2112, and add a note to explain
Change Parameter page table Byte 105-106 and 108-109,and
change CRC Value
Merge chapters 2.1 and 20.1
Change the description of protection with WP# Pin
2018-2-13
2.1
Add Temperature Range F:Industrial+ (-40℃ to 85
℃)
2018-3-12
2.2
Modify the Value of Applied Input/ Output Voltage and VCC in
Chapter15
Modify the description of LGA8 6*8mm package
Update Ordering Information
2018-7-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com