전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LB64C 데이터시트(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD25LB64C
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C 데이터시트(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
26
7.11 Quad I/O Fast Read (EBH)
The Quad I/O Fast Read command is similar to the Dual I/O Fast Read command but with the capability to input the
3-byte address (A23-0) and a
“Continuous Read Mode” byte and 4-dummy clock 4-bit per clock by IO0, IO1, IO3, IO4, each
bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO0,
IO1, IO2, IO3. The command sequence is shown in followed Figure12. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Quad I/O Fast Read with
“Continuous Read Mode”
The Quad I/O Fast Read command can further reduce command overhead through setting the
“Continuous Read
Mode
” bits (M7-0) after the input 3-byte address (A23-A0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), then the next
Quad I/O Fast Read command (after CS# is raised and then lowered) does not require the EBH command code. The
command sequence is shown in followed Figure12a. If the
“Continuous Read Mode” bits (M5-4) do not equal to (1, 0), the
next command requires the first EBH command code, thus returning to normal operation. A
“Continuous Read Mode”
Reset command can be used to reset (M5-4) before issuing normal command.
Figure12. Quad I/O Fast Read Sequence Diagram (M5-4
≠ (1, 0))
Figure12a. Quad I/O Fast Read Sequence Diagram (M5-4= (1, 0))
Command
0
1
2
3
4
5
6
7
EBH
CS#
SCLK
IO0
IO1
8
9 10 11 12 13 14 15
4
0
4
0
4
0
4
0
16 17 18 19 20 21 22 23
4
0
4
0
5
1
5
1
5
1
5
1
5
1
5
1
A23-16 A15-8 A7-0
M7-0
6
2
6
2
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
7
3
7
3
IO2
IO3
4
5
6
7
Dummy
Byte1 Byte2
0
1
2
3
4
5
6
7
CS#
SCLK
8
9 10 11 12 13 14 15
IO0
IO1
IO2
IO3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
0
4
0
5
1
5
1
6
2
6
2
7
3
7
3
4
5
6
7
A23-16 A15-8 A7-0
M7-0
Dummy
Byte1 Byte2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com