전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LB64C 데이터시트(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD25LB64C
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C 데이터시트(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
55
Table3. Signature and Parameter Identification Data Values
Description
Comment
Add(H)
(Byte)
DW Add
(Bit)
Data
Data
SFDP Signature
Fixed:50444653H
00H
07:00
53H
53H
01H
15:08
46H
46H
02H
23:16
44H
44H
03H
31:24
50H
50H
SFDP Minor Revision Number
Start from 00H
04H
07:00
00H
00H
SFDP Major Revision Number
Start from 01H
05H
15:08
01H
01H
Number of Parameters Headers
Start from 00H
06H
23:16
01H
01H
Unused
Contains 0xFFH and can never be
changed
07H
31:24
FFH
FFH
ID number (JEDEC)
00H: It indicates a JEDEC specified
header
08H
07:00
00H
00H
Parameter Table Minor Revision
Number
Start from 0x00H
09H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0x01H
0AH
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter table
0BH
31:24
09H
09H
Parameter Table Pointer (PTP)
First address of JEDEC Flash
Parameter table
0CH
07:00
30H
30H
0DH
15:08
00H
00H
0EH
23:16
00H
00H
Unused
Contains 0xFFH and can never be
changed
0FH
31:24
FFH
FFH
ID Number LSB
(GigaDevice Manufacturer ID)
It is indicates GigaDevice
manufacturer ID
10H
07:00
C8H
C8H
Parameter Table Minor Revision
Number
Start from 0x00H
11H
15:08
00H
00H
Parameter Table Major Revision
Number
Start from 0x01H
12H
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter table
13H
31:24
03H
03H
Parameter Table Pointer (PTP)
First address of GigaDevice Flash
Parameter table
14H
07:00
60H
60H
15H
15:08
00H
00H
16H
23:16
00H
00H
Unused
Contains 0xFFH and can never be
changed
17H
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com