전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD25LB64C 데이터시트(PDF) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD25LB64C
상세설명  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64C 데이터시트(HTML) 38 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64C Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
38
7.21 Release from Deep Power-Down and Read Device ID (RDI) (ABH)
The Release from Power-Down and Read Device ID command is a multi-purpose command. It can be used to release
the device from the Power-Down state or obtain the devices electronic identification (ID) number.
To release the device from the Power-Down state, the command is issued by driving the CS# pin low, shifting the
instruction code
“ABH” and driving CS# high as shown in Figure22. Release from Power-Down will take the time duration
of tRES1 (See AC Characteristics) before the device will resume normal operation and other c omma nd are accepted. The
CS# pin must remain high during the tRES1 time duration.
When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the
CS# pin low and shifting the instruction code
“ABH” followed by 3-dummy byte. The Device ID bits are then shifted out on
the falling edge of SCLK with most significant bit (MSB) first as shown in Figure23. The Device ID value for the
GD25LB64C is listed in Manufacturer and Device Identification table. The Device ID can be read continuously. The
command is completed by driving CS# high.
When used to release the device from the Power-Down state and obtain the Device ID, the command is the same
as previously described, and shown in Figure23, except that after CS# is driven high it must remain high for a time
duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal operation and other
command will be accepted. If the Release from Power-Down / Device ID command is issued while an Erase, Program or
Write cycle is in process (when WIP equal 1) the command is ignored and will not have any effects on the current cycle.
Figure22. Release Power-Down Sequence Diagram
Command
0
1
2
3
4
5
6
7
ABH
CS#
SCLK
SI
RES1
Stand-by mode
Deep Power-down mode
t
Figure22a. Release Power-Down Sequence Diagram (QPI)
CS#
SCLK
IO0
IO1
IO2
IO3
0
1
Command
ABH
tRES1
Deep Power-down mode
Stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com