전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29AL008D55BAI011 데이터시트(PDF) 54 Page - SPANSION

부품명 S29AL008D55BAI011
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55BAI011 데이터시트(HTML) 54 Page - SPANSION

Back Button S29AL008D55BAI011 Datasheet HTML 47Page - SPANSION S29AL008D55BAI011 Datasheet HTML 48Page - SPANSION S29AL008D55BAI011 Datasheet HTML 49Page - SPANSION S29AL008D55BAI011 Datasheet HTML 50Page - SPANSION S29AL008D55BAI011 Datasheet HTML 51Page - SPANSION S29AL008D55BAI011 Datasheet HTML 52Page - SPANSION S29AL008D55BAI011 Datasheet HTML 53Page - SPANSION S29AL008D55BAI011 Datasheet HTML 54Page - SPANSION S29AL008D55BAI011 Datasheet HTML 55Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
54
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
Revision Summary
Revision A (September 8, 2004)
Initial release
Revision A 1 (February 18, 2005)
Global
Updated Trademark
Ordering Information
Added Package type designator
Valid Combinations
Changed Package Type, Material, and Temperature Range designator
Under Package Descriptions, change SSOP to SOP
Revision A2 (June 1, 2005)
Global
Updated status from Advance Information to Preliminary data sheet.
Distinctive Characteristics
Updated manufactured process technology.
Updated high performance access time.
Added extended temperature range.
Added cycling endurance information.
Production Selector Guide
Added 55ns speed option and column.
Ordering Information
Added tube and tray packing types.
Added extended temperature range
Added model numbers.
Valid Combinations Table
Added speed option.
Added packing types.
Added model number.
Added note for this table.
Operating Range
Added extended temperature range information.
Test Conditions
Added 55ns speed option.
AC Characteristics
Read Operation Table
Added 55ns speed option.
Word/Byte Configuration Table
Added 55ns speed option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55