| 전자부품 데이터시트 검색엔진 |
|
LXT975B 데이터시트(PDF) 72 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LXT975B 데이터시트(HTML) 72 Page - Intel Corporation |
|
72 / 74 page ![]() LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers 72 Datasheet 20.4 MLT3 Encoding Error 1 = MLT3 encoding error detected. 0 = No MLT3 encoding error detected. RO/ LH N/A 20.3 Reserved Ignore. RO N/A 20.2 Low-Voltage Fault 1 = Low-voltage fault on VCC has occurred. 0 = No fault. RO/ LH N/A 20.1 Reserved Write as 0, ignore on read. R/W N/A 20.0 Reserved Ignore. RO/ LH N/A Table 55. Port Status Register (Address 20, Hex 14) (Continued) Bit Name Description Type 1 Default 1. R/W = Read /Write RO = Read Only LH = Latching High 2. Bits 20.12 and 20.11 reflect the current operating mode of the LXT974/975. |