전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LXT975B 데이터시트(PDF) 63 Page - Intel Corporation

부품명 LXT975B
상세설명  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B 데이터시트(HTML) 63 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 59Page - Intel Corporation LXT975B Datasheet HTML 60Page - Intel Corporation LXT975B Datasheet HTML 61Page - Intel Corporation LXT975B Datasheet HTML 62Page - Intel Corporation LXT975B Datasheet HTML 63Page - Intel Corporation LXT975B Datasheet HTML 64Page - Intel Corporation LXT975B Datasheet HTML 65Page - Intel Corporation LXT975B Datasheet HTML 66Page - Intel Corporation LXT975B Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
63
5.0
Register Definitions
The LXT974/975 register set includes a total of 48 16-bit registers, 12 registers per port. Refer to
Table 43 for a complete register listing.
• Seven base registers (0 through 6) are defined in accordance with the “Reconciliation Sublayer
and Media Independent Interface” and “Physical Layer Link Signaling for 10/100 Mbps Auto-
Negotiation” sections of the IEEE 802.3 specification (Register 7, Next Page, is not
supported).
• Five additional registers (16 through 20) are defined in accordance with the IEEE 802.3
specification for adding unique chip functions.
Table 43. Register Set
Address
Register Name
Bit Assignments
0
Control Register
Refer to Table 44 on page 64
1
Status Register
Refer to Table 45 on page 65
2
PHY Identification Register 1
Refer to Table 46 on page 66
3
PHY Identification Register 2
Refer to Table 47 on page 66
4
Auto-Negotiation Advertisement Register
Refer to Table 48 on page 67
5
Auto-Negotiation Link Partner Ability Register
Refer to Table 49 on page 67
6
Auto-Negotiation Expansion Register
Refer to Table 50 on page 68
16
LED Configuration Register
Refer to Table 51 on page 68
17
Interrupt Enable Register
Refer to Table 52 on page 69
18
Interrupt Status Register
Refer to Table 53 on page 70
19
Port Configuration Register
Refer to Table 54 on page 70
20
Port Status Register
Refer to Table 55 on page 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74