전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LXT975B 데이터시트(PDF) 56 Page - Intel Corporation

부품명 LXT975B
상세설명  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B 데이터시트(HTML) 56 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 52Page - Intel Corporation LXT975B Datasheet HTML 53Page - Intel Corporation LXT975B Datasheet HTML 54Page - Intel Corporation LXT975B Datasheet HTML 55Page - Intel Corporation LXT975B Datasheet HTML 56Page - Intel Corporation LXT975B Datasheet HTML 57Page - Intel Corporation LXT975B Datasheet HTML 58Page - Intel Corporation LXT975B Datasheet HTML 59Page - Intel Corporation LXT975B Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
56
Datasheet
Figure 29. MII - 100BASE-FX Transmit Timing
Table 34. MII - 100BASE-FX Transmit Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
TXD<3:0>, TX_EN, TX_ER setup to TX_CLK High
t1
10
––
ns
TXD<3:0>, TX_EN, TX_ER hold from TX_CLK High
t2
0
-1
–
ns
TX_EN sampled to CRS asserted
t3
–
24
BT
TX_EN sampled to CRS de-asserted
t4
–
316
BT
TX_EN sampled to FIBOP out (Tx latency)
t5
6
11
14
BT
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
t1
t2
t5
t3
t4
0ns
250ns
TXCLK
TX_EN
TXD<3:0>
FIBOP
CRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74