| 전자부품 데이터시트 검색엔진 |
|
ST33TPHF20SPI 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 15 of 47 NON-PROPRIETARY DOCUMENT 1.6 Cryptographic functions The security module supports the following cryptographic algorithms (both approved and non- approved). Algorithm certificate numbers for each approved algorithm are listed below. All algorithms, keys size or curve lengths listed below are part of services offered by the module. Table 9: Approved algorithms CAVP Cert Algorithm Standard Mode / Method Key lengths, curves or moduli Use 2342 & 2340 RSA FIPS 186-4 SHA-256, RSASSA-PKCS-v1.5 2048 Digital signature generation FIPS 186-4 SHA-1, SHA-256, RSASSA-PKCS-v1.5 , RSASSA-PSS 2048 Digital signature verification FIPS 186-4 Appendix C3.1 2048 Key generation 1045 & 1041 CVL RSADP FIPS 186-4 RSA decryption primitive 2048 Key transport 1025 ECDSA FIPS 186-4 SHA-256 P-224, P-256 Digital signature generation FIPS 186-4 SHA-1, SHA-256 P-224, P-256 Digital signature verification FIPS 186-4 Appendix B.4.2 P-224, P-256 Key generation 110 & 108 KAS EC-DH SP 800-56A ECC P-224, P-256 Key agreement 2870 & 2875 & 3118 & 3120 & 3122 & 3124 HMAC (single call) FIPS 198-1 SHA-1, SHA-256 160, 256 Message authentication 2878 & 2876 & 3119 & 3121 & 3123 & 3125 HMAC (sequence) FIPS 198-1 SHA-1, SHA-256 160, 256 Message authentication 123 & 121 & 146 & 147 & 148 & 149 KBKDF SP 800-108 CTR Key derivation 1361 DRBG SP 800-90A HASH_based Deterministic random bit generation 4338 & 4336 AES FIPS 197, SP 800-38A ECB, CFB128, OFB, CBC, CTR 128, 192, 256 Data encryption/decryption 2345 & 2343 Triple-DES SP 800-67, SP 800-38A TECB, TCBC, TCFB64, TOFB, CTR 192 Data encryption/decryption NA KTS (AES cert #4338 + HMAC cert #2870) KTS (AES cert #4338 + HMAC cert #3118) KTS (AES cert #4338 + HMAC cert #3120) SP 800-38F CFB 128, 256 Key transport |