| 전자부품 데이터시트 검색엔진 |
|
ST33TPHF20SPI 데이터시트(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20SPI 데이터시트(HTML) 28 Page - STMicroelectronics |
|
28 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 28 of 47 NON-PROPRIETARY DOCUMENT 3.2 Services Next table lists all services supported by the TPM and indicates for each service, the role that can use this service and the keys/CSPs that can be accessed. 3.2.1 Services list Table 18: Command support table Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode Start-up 1 _TPM_Init NA W (first boot only) : 2, 3, 4, 6, 7, 8, 10, 11, 12, 14, 15, 16 W : 29, 38, 48 X 2 TPM2_Startup NA W : 1, 5, 9, 13, 39 X 3 TPM2_Shutdown NA - X Testing 4 TPM2_SelfTest NA - X 5 TPM2_IncrementalSelfTest NA - X 6 TPM2_GetTestResult NA - X Session commands 7 TPM2_StartAuthSession NA W : 26, 27, 38, 48 C : 9, 10, 11, 12, 17, 24, 26, 28, 38, 48 8 TPM2_PolicyRestart NA - Objects commands 9 TPM2_Create U R : 18 W : 19, 20, 21, 22, 23, 28, 38, 48 C : 17, 19, 20, 21, 22, 27, 28, 38, 48 O : 20, 23 10 TPM2_Load U R : 18 W : 17, 18, 20, 21, 22, 23, 28, 38, 48 C : 17, 19, 20, 21, 22, 27, 28, 38, 48 11 TPM2_LoadExternal NA W : 17, 18, 20, 21, 22, 23, 28, 38, 48 C : 17, 19, 20, 21, 22, 27, 28, 38, 48 X 12 TPM2_ReadPublic NA R : 23 W : 28 C : 28 X 13 TPM2_ActivateCredential A, U R : 18, 23, 35 W : 28, 36, 37, 38, 48 C : 27, 28, 35, 36, 37, 38, 48 14 TPM2_MakeCredential NA R : 23 W : 28, 35, 36, 37 C : 28, 36, 37 O : 35 15 TPM2_Unseal U R : 18, 23 W : 28, 38, 48 C : 27, 28, 38, 48 O : 23 |