전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAFC161PI 데이터시트(PDF) 96 Page - Infineon Technologies AG

부품명 SAFC161PI
상세설명  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI 데이터시트(HTML) 96 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 92Page - Infineon Technologies AG SAFC161PI Datasheet HTML 93Page - Infineon Technologies AG SAFC161PI Datasheet HTML 94Page - Infineon Technologies AG SAFC161PI Datasheet HTML 95Page - Infineon Technologies AG SAFC161PI Datasheet HTML 96Page - Infineon Technologies AG SAFC161PI Datasheet HTML 97Page - Infineon Technologies AG SAFC161PI Datasheet HTML 98Page - Infineon Technologies AG SAFC161PI Datasheet HTML 99Page - Infineon Technologies AG SAFC161PI Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 400 page
background image
&3,
,QWHUUXSW DQG 7UDS )XQFWLRQV
User’s Manual
5-14
1999-08
PEC data transfers do not use the data page pointers DPP3...DPP0. The PEC source
and destination pointers are used as 16-bit intra-segment addresses within segment 0,
so data can be transferred between any two locations within the first four data pages
3...0.
The pointer locations for inactive PEC channels may be used for general data storage.
Only the required pointers occupy RAM locations.
Note: If word data transfer is selected for a specific PEC channel (i.e. BWT=’0’), the
respective source and destination pointers must both contain a valid word address
which points to an even byte boundary. Otherwise the Illegal Word Access trap will
be invoked, when this channel is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More