| 전자부품 데이터시트 검색엔진 |
|
SAFC161PI 데이터시트(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SAFC161PI 데이터시트(HTML) 15 Page - Infineon Technologies AG |
|
15 / 400 page ![]() &3, ,QWURGXFWLRQ User’s Manual 1-7 1999-08 1.3 Abbreviations The following acronyms and termini are used within this document: ADC Analog Digital Converter ALE Address Latch Enable ALU Arithmetic and Logic Unit ASC Asynchronous/synchronous Serial Controller CISC Complex Instruction Set Computing CMOS Complementary Metal Oxide Silicon CPU Central Processing Unit EBC External Bus Controller ESFR Extended Special Function Register Flash Non-volatile memory that may be electrically erased GPR General Purpose Register GPT General Purpose Timer unit HLL High Level Language I 2C Inter Integrated Circuit (Bus) IO Input / Output OTP One Time Programmable memory PEC Peripheral Event Controller PLA Programmable Logic Array PLL Phase Locked Loop PWM Pulse Width Modulation RAM Random Access Memory RISC Reduced Instruction Set Computing ROM Read Only Memory SDD Slow Down Divider SFR Special Function Register SSC Synchronous Serial Controller XBUS Internal representation of the External Bus |