전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6685 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 PM6685
상세설명  DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 2Page - STMicroelectronics PM6685 Datasheet HTML 3Page - STMicroelectronics PM6685 Datasheet HTML 4Page - STMicroelectronics PM6685 Datasheet HTML 5Page - STMicroelectronics PM6685 Datasheet HTML 6Page - STMicroelectronics PM6685 Datasheet HTML 7Page - STMicroelectronics PM6685 Datasheet HTML 8Page - STMicroelectronics PM6685 Datasheet HTML 9Page - STMicroelectronics PM6685 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3 Block & pin connection diagrams
PM6685
6/16
Table 3.
Pin description
Pin No
PM6685
Function
1
SGND
Signal ground. Reference for internal logic circuitry.
2
COMP3
DC voltage error compensation pin for the 3.3V switching section.
3
FSEL
Frequency selection pin. It provides a selectable switching frequency, allowing
either 200kHz/300kHz, 300kHz/400kHz or 400kHz/500kz operation of the 5V/
3.3V switching sections.
4EN3
3.3V SMPS enable input. The 3.3V section is enabled appling a high logic level
(>2.4V) to this pin, while is disabled appling a low logic level (<0.8V). When the
section is disabled the High Side gate driver goes low and Low Side gate driver
goes high. If both EN3 and EN5 pins are low and SHDN pin is high the device
enters in standby mode.
5
SHDN
Shutdown control input. The device enters its shutdown mode with 9µA of supply
current if VSHDN is less than the device off threshold voltage and doesn't restart
until VSHDN is greater than the device on threshold voltage. The SHDN pin can
be connected to Vbatt through a voltage divider to program an undervoltage
lockout. In shutdown mode, the gate drivers of the two switching sections are in
high impedance.
6
PGOOD LDO3
Power Good ouput signal for the 3.3V linear regulator. This pin is an open drain
output. It is shorted to GND if LDO3_SEL pin is at its low level or if the ouput
voltage on LDO3 pin is lower than 2.6V.
7LDO3
3.3V Linear regulator output. LDO3 can provide 100mA peak current. If
LDO3_SEL pin is connected to VREF and OUT3 is greater than the LDO3
bootstrap switch threshold, the LDO3 regulator shuts down and the LDO3 pin will
be directly connected to OUT3 through a 3 (max) switch.
If LDO3_SEL pin is at its low level the LDO3 is always OFF.
If LDO3_SEL pin is at its high level the LDO3 is always ON.
8OUT3
Output voltage sense for the 3.3V switching section.This pin must be directly
connected to the output voltage of the switching section.
9
BOOT3
Bootstrap capacitor connection for the switching 3.3V section. It supplies the high-
side gate driver.
10
HGATE3
High-side gate driver ouput for the 3.3V section.
11
PHASE3
Switch node connection and return path for the high side driver for the 3.3V
section.
12
CSENSE3
Current sense input for the switching 3.3V section. This pin must be connected
through a resistor to the drain of the synchronous rectifier (RDSON sensing) or to
the source of the synchronous rectifier (RSENSE sensing) to set the current limit
threshold.
13
LGATE3
Low-side gate driver output for the 3.3V section.
14
PGND
Power ground.
15
LGATE5
Low-side gate driver output for the 5V section.
16
SGND2
Signal ground for analog circuitry.
17
V5SW
Internal 5V regulator bypass connection. When the main 5V ouput voltage is
greater than the boostrap switch threshold, the LDO5 regulator shuts down and
the LDO5 pin will be directly connected to OUT5 through a 3 (max) switch.
If not used, it must be tied to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com