전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6685 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 PM6685
상세설명  DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button PM6685 Datasheet HTML 6Page - STMicroelectronics PM6685 Datasheet HTML 7Page - STMicroelectronics PM6685 Datasheet HTML 8Page - STMicroelectronics PM6685 Datasheet HTML 9Page - STMicroelectronics PM6685 Datasheet HTML 10Page - STMicroelectronics PM6685 Datasheet HTML 11Page - STMicroelectronics PM6685 Datasheet HTML 12Page - STMicroelectronics PM6685 Datasheet HTML 13Page - STMicroelectronics PM6685 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
4 Electrical characteristics
PM6685
10/16
Simbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
High side rise time
HGATEx-PHASE from 1V to 4V
CLOAD = 3.3nF
20
ns
High side fall time
20
Low side rise time
LGATEx-PGND from 1V to 4V
CLOAD = 8.2nF
40
ns
40
OVP
Over voltage threshold
Both SMPS sections with respect
to VREF.
113
116
120
%
UVP
Under voltage threshold
66
70
72
%
PGOOD3,5
Upper threshold (VFB-VREF)
107
110
113
%
Lower threshold (VFB-VREF)
90
92
94
%
IPGOOD3,5 PGOOD leakeage current
VPGOOD3,5 forced to 5.5V
1
µA
VPGOOD3,5 Ouput Low Voltage
ISink = 4mA
150
250
mV
PGOOD
LDO3
Rising voltage threshold
2.58
V
Falling voltage threshold
2.55
V
Hytseresis
25
mV
IPGOOD_LD
O3
PGOOD leakeage current
VPGOOD LDO3 forced to 5.5V
1
µA
VPGOOD_LD
O3
Ouput Low Voltage
ISink = 4mA
150
250
mV
TSDN
Shutdown Temperature
150
°C
EN3,5
SMPS disabled level
0.8
V
SMPS enabled level
2.4
FSEL
Frequency selection range
Low level
0.5
V
Middle level
1.0
VLDO5
-1.5
High level
VLDO5
-0.8
LDO3 SEL
3.3V Linear Regulator Selection
Pin
Always-off level
0.5
V
Boostrap level
1.0
VLDO5
-1.5
Always-on level
VLDO5
-0.8
SKIP
Pulse Skip Mode
0.5
V
PWM Mode
1.0
VLDO5
-1.5
Ultrasonic Mode
VLDO5
-0.8
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com