전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6685 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 PM6685
상세설명  DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685 데이터시트(HTML) 1 Page - STMicroelectronics

  PM6685 Datasheet HTML 1Page - STMicroelectronics PM6685 Datasheet HTML 2Page - STMicroelectronics PM6685 Datasheet HTML 3Page - STMicroelectronics PM6685 Datasheet HTML 4Page - STMicroelectronics PM6685 Datasheet HTML 5Page - STMicroelectronics PM6685 Datasheet HTML 6Page - STMicroelectronics PM6685 Datasheet HTML 7Page - STMicroelectronics PM6685 Datasheet HTML 8Page - STMicroelectronics PM6685 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation.
Details are subject to change without notice.
Rev 1
September 2005
1/16
16
PM6685
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES
FOR NOTEBOOK SYSTEM POWER
Features
■
CONSTANT ON TIME TOPOLOGY ALLOWS
VERY FAST LOAD TRANSIENTS
■
6V TO 28V INPUT VOLTAGE RANGE
■
FIXED 5V-3.3V OUTPUT VOLTAGES
■
5V AND 3.3V ALWAYS VOLTAGES
AVAILABLE DELIVER 100mA PEAK
CURRENT
■
1.23V
± 1% REFERENCE VOLTAGE
AVAILABLE
■
NO RSENSE CURRENT SENSING USING
LOW SIDE MOSFETs’ RDS(on)
■
ACCURATE CURRENT SENSE WITH
RSENSE
■
NEGATIVE CURRENT LIMIT
■
SOFT START INTERNALLY FIXED AT 2ms
■
SOFT OFF FOR OUTPUT DISCHARGE
■
LATCHED OVP AND UVP
■
SELECTABLE PULSE SKIPPING AT LIGHT
LOADS
■
SELECTABLE MINIMUM FREQUECY
(25kHz) IN PULSE SKIP MODE
■
4 mW MAXIMUM QUIESCENT POWER
■
INDIPENDENT POWER GOOD SIGNALs
■
OUTPUT VOLTAGE RIPPLE
COMPENSATION
Description
PM6685
is
a
dual
step-down
controller
specifically designed to provide extremely high
efficiency
conversion,
with
lossless
current
sensing
technique.
The
constant
on-time
architecture assures fast load transient response
and the embedded voltage feed-forward provides
nearly constant switching frequency operation. An
embedded integrator control loop compensates
the DC voltage error due to the output ripple.
Pulse skipping technique increases efficiency at
very light load. Moreover a minimum switching
frequency of 25kHz is selectable to avoid audio
noise issues. The PM6685 provides a selectable
switching frequency, allowing either 200kHz/
300kHz,
300kHz/400Khz
or
400kHz/500kHz
operation of the 5V/3.3V switching sections...
Applications
■
NOTEBOOK COMPUTERS
■
TABLET PC OR SLATES
■
MOBILE SYSTEM POWER SUPPLY
■
3-4 CELLS Li+ BATTERY POWERED
DEVICES
VFQFPN-32 5X5
www.st.com
Order codes
Part number
Marking
Package
Packing
PM6685
PM6685
VFQFPN-32 5X5
TAPE & REEL


유사한 부품 번호 - PM6685

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
PM6685TR STMICROELECTRONICS-PM6685TR Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
More results

유사한 설명 - PM6685

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
STMicroelectronics
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com