전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPC6421 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPC6421
상세설명  DLPC6421 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 데이터시트(HTML) 16 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 12Page - Texas Instruments DLPC6421 Datasheet HTML 13Page - Texas Instruments DLPC6421 Datasheet HTML 14Page - Texas Instruments DLPC6421 Datasheet HTML 15Page - Texas Instruments DLPC6421 Datasheet HTML 16Page - Texas Instruments DLPC6421 Datasheet HTML 17Page - Texas Instruments DLPC6421 Datasheet HTML 18Page - Texas Instruments DLPC6421 Datasheet HTML 19Page - Texas Instruments DLPC6421 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
DLPC6421
DLPS117A – JULY 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
The number inside each parenthesis or the I/O refers to the type defined in Table 1.
6.5 Electrical Characteristics
(1)
Over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
voltage
USB (9)
2.0
V
OSC (10)
2.0
3.3-V LVTTL (1,2,3,4)
2.0
3.3-V I2C (8)
2.4
VDD33 + 0.5
VIL
Low-level input
voltage
USB (9)
0.8
V
OSC (10)
0.8
3.3-V LVTTL (1,2,3,4)
0.8
3.3-V I2C (8)
–0.5
1.0
VDIS
Differential Input
Voltage
USB (9)
200
mV
VICM
Differential Cross
Point Voltage
USB (9)
0.8
2.5
V
VHYS
Hysteresis (VT+-VT-)
USB (9)
200
mV
3.3-V LVTTL (1,2,3,4)
400
3.3-V I2C (8)
300
550
600
VOH
High-level output
voltage
USB (9)
2.8
V
1.8-V LVDS (7)
1.520
3.3-V LVTTL (1,2,3)
IOH = Max Rated
2.7
VOL
Low-level output
voltage
USB (9)
0.0
0.3
V
1.8-V LVDS (7)
0.880
3.3-V LVTTL (1,2,3)
IOL = Max Rated
0.4
3.3-V I2C (8)
IOL = 3 mA sink
0.4
VOD
Output Differential
Voltage
1.8-V LVDS (7)
0.065
0.440
V
IIH
High-level input
current
USB (9)
200
µA
OSC (10)
–10.0
10
3.3-V LVTTL (1-4) without Internal
Pull Down
VIH = VDD33
–10.0
10
3.3-V LVTTL (1-4) with Internal Pull
Down
VIH = VDD33
10.0
200.0
3.3-V I2C (8)
VIH = VDD33
10.0
IIL
Low-level input
current
USB (9)
–10.0
10.0
µA
OSC (10)
–10.0
10.0
3.3-V LVTTL (1-4) without Internal
Pull Down
VOH = VDD33
–10.0
10.0
3.3-V LVTTL (1-4) with Internal Pull
Down
VOH = VDD33
–10.0
–200
3.3-V I2C (8)
VOH = VDD33
–10.0
IOH
High-level output
current
USB (9)
–19.1
mA
1.8-V LVDS (7) (VOD = 300mV)
VO = 1.4 V
6.5
3.3-V LVTTL (1)
VO = 2.4 V
–4.0
3.3-V LVTTL (2)
VO = 2.4 V
–8.0
3.3-V LVTTL (3)
VO = 2.4 V
–12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com