전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPC6421 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPC6421
상세설명  DLPC6421 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 데이터시트(HTML) 2 Page - Texas Instruments

  DLPC6421 Datasheet HTML 1Page - Texas Instruments DLPC6421 Datasheet HTML 2Page - Texas Instruments DLPC6421 Datasheet HTML 3Page - Texas Instruments DLPC6421 Datasheet HTML 4Page - Texas Instruments DLPC6421 Datasheet HTML 5Page - Texas Instruments DLPC6421 Datasheet HTML 6Page - Texas Instruments DLPC6421 Datasheet HTML 7Page - Texas Instruments DLPC6421 Datasheet HTML 8Page - Texas Instruments DLPC6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2
DLPC6421
DLPS117A – JULY 2018 – REVISED APRIL 2019
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications....................................................... 14
6.1
Absolute Maximum Ratings .................................... 14
6.2
ESD Ratings............................................................ 14
6.3
Recommended Operating Conditions ..................... 15
6.4
Thermal Information ................................................ 15
6.5
Electrical Characteristics......................................... 16
6.6
System Oscillators Timing Requirements ............... 17
6.7
Test and Reset Timing Requirements .................... 18
6.8
JTAG Interface: I/O Boundary Scan Application
Timing Requirements ............................................... 19
6.9
Port 1 Input Pixel Timing Requirements ................. 19
6.10
DMD LVDS Interface Timing Requirements ......... 21
6.11
Synchronous Serial Port (SSP) Interface Timing
Requirements........................................................... 21
6.12
Programmable Output Clocks Switching
Characteristics ......................................................... 22
6.13
Synchronous Serial Port Interface (SSP) Switching
Characteristics ......................................................... 22
6.14
JTAG Interface: I/O Boundary Scan Application
Switching Characteristics ......................................... 23
7
Detailed Description ............................................ 26
7.1
Overview ................................................................. 26
7.2
Feature Description................................................. 26
8
Application and Implementation ........................ 30
8.1
Application Information............................................ 30
8.2
Typical Application .................................................. 30
9
Power Supply Recommendations ...................... 34
9.1
System Power Regulations ..................................... 34
9.2
System Power-Up Sequence .................................. 34
9.3
Power-On Sense (POSENSE) Support .................. 35
9.4
System Environment and Defaults.......................... 35
10
Layout................................................................... 36
10.1
Layout Guidelines ................................................. 36
11
Device and Documentation Support ................. 43
11.1
Device Support...................................................... 43
11.2
Documentation Support ........................................ 44
11.3
Community Resources.......................................... 45
11.4
Trademarks ........................................................... 45
11.5
Electrostatic Discharge Caution ............................ 45
11.6
Glossary ................................................................ 45
12
Mechanical, Packaging, and Orderable
Information ........................................................... 45
12.1
Package Option Addendum .................................. 46
4 Revision History
Changes from Original (July 2018) to Revision A
Page
•
Corrected typographical error for pin P1_C_0 in Pin Configurations and Functions table..................................................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com