전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS42432-DMZ 데이터시트(PDF) 50 Page - Cirrus Logic

부품명 CS42432-DMZ
상세설명  108 dB, 192 kHz 4-in, 6-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432-DMZ 데이터시트(HTML) 50 Page - Cirrus Logic

Back Button CS42432-DMZ Datasheet HTML 46Page - Cirrus Logic CS42432-DMZ Datasheet HTML 47Page - Cirrus Logic CS42432-DMZ Datasheet HTML 48Page - Cirrus Logic CS42432-DMZ Datasheet HTML 49Page - Cirrus Logic CS42432-DMZ Datasheet HTML 50Page - Cirrus Logic CS42432-DMZ Datasheet HTML 51Page - Cirrus Logic CS42432-DMZ Datasheet HTML 52Page - Cirrus Logic CS42432-DMZ Datasheet HTML 53Page - Cirrus Logic CS42432-DMZ Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
50
DS673PP2
8.1.1 Passive Input Filter
The passive filter implementation shown in Figure 21 will attenuate any noise energy at
6.144 MHz but will not provide optimum source impedance for the ADC modulators. Full analog
performance will therefore not be realized using a passive filter. Figure 21 illustrates the unity
gain, passive input filter solution. In this topology the distortion performance is affected, but the
dynamic range performance is not limited.
8.1.2 Passive Input Filter w/Attenuation
Some applications may require signal attenuation prior to the ADC. The full-scale input voltage
will scale with the analog power supply voltage. For VA = 5.0 V, the full-scale input voltage is
approximately 2.8 Vpp, or 1 Vrms (most consumer audio line-level outputs range from 1.5 to
2Vrms).
Figure 22 shows a passive input filter with 6 dB of signal attenuation. Due to the relatively high
input impedance on the analog inputs, the full distortion performance cannot be realized. Also,
the resistor divider circuit will determine the input impedance into the input filter. In the circuit
shown in Figure 22, the input impedance is approximately 5 k
Ω. By doubling the resistor values,
the input impedance will increase to 10 k
Ω. However, in this case the distortion performance will
drop due to the increase in series resistance on the analog inputs.
2700 pF
C0G
10
µF
100 k
Ω
150
Ω
AIN1+,2+,3+,4+
AIN1-,2-,3-,4-
ADC1-2
4.7
µF
Figure 21. Passive Input Filter
2700 pF
C0G
10
µF
2.5 k
Ω
AIN1+,2+,3+,4+
AIN1-,2-,3-,4-
ADC1-2
4.7
µF
2.5 k
Ω
Figure 22. Passive Input Filter w/Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com