| 전자부품 데이터시트 검색엔진 |
|
CS61310 데이터시트(PDF) 27 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61310 데이터시트(HTML) 27 Page - Cirrus Logic |
|
27 / 30 page ![]() CS61310 DS440F1 FEB ‘03 27 6. APPLICATIONS Control & Monitor Fra m e Fo rm a t E n coder/ D e c o der CS61310 IN HARD WAR E MO DE Lin e Le ngth S e ttin g 28 1 26 27 5 7 6 8 3 4 2 9 10 + 33 µF RGND 0.1 µF 21 15 + 1.0 µF TGND RV+ TV+ TAOS MCLK RLOOP LLOOP MOD E RPOS RNEG RCLK TPOS TNEG TCLK XT AL IN XTALOUT RGND TGND 22 14 LB O 2 LB O 1 RTIP RRING TRIN G TT IP 24 25 1:2 PE-65351 12 23 LOS NL O O P 11 JAS E L RE C E IV E LIN E TRANSMIT LINE 19 20 16 13 R1 R2 1 5 2 6 0.47 µF 2 6 1 5 1CT:1 PE-64936 0.4 7 µF R3 R4 100 Ω R1 ( Ω) 50 R2 ( Ω) 50 R3 ( Ω) 9.1 R4 ( Ω) 9.1 NOTE: The 0.47 µF capacitor between R1 & R2 may be omitted if common mode noise is not an issue. NOTE: The optional 0.47 µF DC blocking cap eliminates DC saturation current through T2 Figure 13. Hardware Mode Operation |