전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83261AVF 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83261AVF
상세설명  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 2Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 3Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 4Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 5Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 6Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
20 Architectural Description (Continued)
The Receiver uses these parameters to compare addresses
in incoming frames with its addresses stored in the Parame-
ter RAM
The Transmitter uses the Parameter RAM for generating the
Source Address for all frames (except when Source Ad-
dress Transparency is enabled) and for the Destination Ad-
dress and Information fields in Claim and Beacon frames
The MAC Parameter RAM block is described in greater de-
tails in Section 65
214 CounterTimer
The CounterTimer block maintains all of the Counters and
Timers required by the Standard
Events which occur too rapidly for software to count such
as the various Frame Counts are included in the Event
Counters The size of the wrap around counters has been
chosen to require minimal software intervention even under
marginal operating conditions Most of the Counters incre-
ment in response to events detected by the Receiver The
Counters are readable via the Control Interface
The Token Rotation and Token Holding Timers which are
used to implement the Timed Token Protocol are contained
within the Timer Block
The Counters and Timers are described in detail in Sections
66 and 67
22 INTERFACES
221 PHY Interface
The PHY Intreface is a synchronous interface that provides
an encoded byte stream to the PLAYERa device (the PHY
Request byte stream)
and receives an encoded byte
stream from the PLAYERa device (the PHY Indication byte
stream)
The BMAC device connects to one or two PLAYERa devic-
es via the PH
Indicate and PH
Request Interfaces
Data is transferred from the PLAYERa device to the Ring
Engine via the PH
Indicate Interface Data is transferred
from the Ring Engine to the PLAYERa device via the PH
Request Interface
The 10-bit byte transferred in both directions across the
PH
Indicate and PH
Request interfaces consists of one
parity bit (Odd parity) one Control bit and 8 bits of data
The Control Bit determines if the 8 data bits are a data
symbol pair or a control symbol pair
222 MAC Interface
The MAC Interface provides the required information and
handshakes to allow a system interface (such as the
DP83265A BSI-2) to exploit the capabilities of the Ring En-
gine
The MAC Interface is synchronous and is divided into sepa-
rate MAC Request and MAC Indication interfaces
Data is transferred from the system interface to the Ring
Engine via the MAC Request Interface The MA
Request
Interface consists of a parity bit (Odd parity) and byte-wide
data along with the transmit parameters and handshake sig-
nals The MAC Request Interface utilizes a handshake that
separates token capture from data transmisson A captured
token may be held until it is no longer usable Void frames
are automatically generated to allow data interface logic as
much time as it needs to prepare a transmission
Data is transferred from the Ring Engine to the system inter-
face via the MAC Indication Interface The MA
Indicate
Interface consists of a parity bit (Odd parity) and byte-wide
data along with Addressing Flags and Frame Sequencing
signals The Addressing Flags give the result of the address
comparisons performed by the Ring Engine These are used
to decide whether to continue to copy or to reject frames
The MAC Indication Interface also accepts inputs to deter-
mine how to set the control indicators and increment the
statistical counters based on external address comparison
logic and frame copying logic Frames may also be stripped
based on external comparisons
223 Control Bus Interface
The Control Interface implements the interface to the Con-
trol Bus by which to initialize monitor and diagnose the op-
eration of the BMAC device The Control Interface is an
8-bit asynchronous interface in order to minimize pinout and
layout All information that must be synchronized with the
data stream crosses the MAC Interface
The Control bus is separated completely from the MAC and
PHY Interfaces in order to allow independent operation of
the processor on the Control Bus The Control Interface
provides the synchronization between the Control Bus and
the Ring Engine
30 Feature Overview
The BMAC device implements the standard FDDI MAC pro-
tocol It also provides additional addressing bridging and
service class functions to allow maximal flexibility in design-
ing an FDDI station
The BMAC device offers extensive diagnostic features in-
cluding a number of diagnostic counters a dedicated inter-
face for control and configuration and a capability to per-
form Self Testing Furthermore the BMAC device allows the
tuning of certain parameters to increase the performance of
the network
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More