전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9461ES 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 TLE9461ES
상세설명  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ES 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button TLE9461ES Datasheet HTML 4Page - Infineon Technologies AG TLE9461ES Datasheet HTML 5Page - Infineon Technologies AG TLE9461ES Datasheet HTML 6Page - Infineon Technologies AG TLE9461ES Datasheet HTML 7Page - Infineon Technologies AG TLE9461ES Datasheet HTML 8Page - Infineon Technologies AG TLE9461ES Datasheet HTML 9Page - Infineon Technologies AG TLE9461ES Datasheet HTML 10Page - Infineon Technologies AG TLE9461ES Datasheet HTML 11Page - Infineon Technologies AG TLE9461ES Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
Datasheet
8
Rev.1.1
2019-09-27
TLE9461ES
Lite CAN SBC Family
Pin Configuration
Note:
Both VS Pins must be connected to same battery potential;
all GND pins as well as the Cooling Tab must be connected to one common GND potential
9RSTN
Reset Output; active low, internal pull-up
10
TEST
Test Pin; Connect to GND or leave open for normal user mode operation;
Connect to VCC1 at device power-on to activate SBC Development Mode
(see Chapter 5.1.7). Integrated pull-down resistor.
11
GND
Ground; LDO 1 Power GND
12
VIO
Digital I/O Pin Voltage Supply; Must be connected to the buffered VCC1 voltage
(see also Figure 44)
13
VCC1
Voltage Regulator 1 Output
14
n.c.
not connected; internally not bonded
15
VS
Supply Voltage; Supply for VCC1 power stage - both VS pins must be connected
together on same battery potential for proper operation; Connect to battery
voltage via reverse polarity protection diode and filter against EMC
16
VS
Supply Voltage; Main supply of device - both VS pins must be connected
together on same battery potential for proper operation; Connect to battery
voltage via reverse polarity protection diode and filter against EMC
17
VCP
Charge Pump Output; For driving the gate of external N-channel MOSFETs, e.g.
for reverse polarity protection or Kl.30 load switch. Always place a 1kΩ resistor
in series for protection
18
WK/VSENSE
Wake Input;
Sense Input; Alternative function: HV-measurement function input
19
FO/GPIO
Fail Output; Open Drain Output, active low;
GPIO; Alternative function: configurable pin as WK, LS-, or HS-witch supplied by
VS (default is FO, see also Chapter 11.1.1)
Sense Output; Alternative function: if HV-measurement function is configured
20
VCC2
Voltage Regulator 2 Output
21
GND
Ground; Analog GND
22
GND
Ground; CAN GND
23
CANH
CAN High Bus Pin
24
CANL
CAN Low Bus Pin
Cooling
Tab
GND
Cooling Tab - Exposed Die Pad; For cooling purposes only, connect to but do not
use as an electrical ground1)
1) The exposed die pad at the bottom of the package allows better power dissipation of heat from the SBC via the PCB.
The exposed die pad is not connected to any active part of the IC. However, it should be connected to GND for the
best EMC performance.
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com